Part Number Hot Search : 
MAX695 ST92E196 SA101 GU7806A UA8229 2ST1480 30006 G001A
Product Description
Full Text Search
 

To Download 2SA120207 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2SA1202
TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT process)
2SA1202
Power Amplifier Applications Voltage Amplifier Applications
* * * * Suitable for driver of 30 to 35 watts audio amplifier Small flat package PC = 1.0 to 2.0 W (mounted on a ceramic substrate) Complementary to 2SC2882 Unit: mm
Absolute Maximum Ratings (Ta = 25C)
Characteristics Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Base current Symbol VCBO VCEO VEBO IC IB PC Collector power dissipation PC (Note 1) Junction temperature Storage temperature range Tj Tstg Rating -80 -80 -5 -400 -80 500 1000 150 -55 to 150
2
Unit V V V mA mA
PW-MINI
mW
JEDEC JEITA
SC-62 2-5K1A
C C
TOSHIBA
Weight: 0.05 g (typ.)
Note 1: Mounted on a ceramic substrate (250 mm x 0.8 t) Note 2: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum ratings. Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook ("Handling Precautions"/Derating Concept and Methods) and individual reliability data (i.e. reliability test report and estimated failure rate, etc).
1
2006-11-09
2SA1202
Electrical Characteristics (Ta = 25C)
Characteristics Collector cut-off current Emitter cut-off current Collector-emitter breakdown voltage Symbol ICBO IEBO V (BR) CEO hFE (1) DC current gain (Note 3) hFE (2) Collector-emitter saturation voltage Base-emitter voltage Transition frequency Collector output capacitance VCE (sat) VBE fT Cob Test Condition VCB = -80 V, IE = 0 VEB = -5 V, IC = 0 IC = -10 mA, IB = 0 IE = -2 mA, IC = -50 mA VCE = -2 V, IC = -200 mA IC = -200 mA, IB = -20 mA VCE = -2 V, IC = -5 mA VCE = -10 V, IC = -10 mA VCB = -10 V, IE = 0, f = 1 MHz Min -80 70 40 -0.55 Typ. 120 14 Max -0.1 -0.1 240 -0.4 -0.8 V V MHz pF Unit A A V
Note 3: hFE(1) classification O: 70 to 140, Y: 120 to 240
Marking
Part No. (or abbreviation code)
F
Lot No.
Characteristics indicator
A line indicates lead (Pb)-free package or lead (Pb)-free finish.
2
2006-11-09
2SA1202
IC - VCE
500 Ta = 25C -3 -300 -2 -200 -1 -100 IB = -0.5 mA 0 -2 -4 -6 -8 -10 -12 -400 -5 Common emitter 300
hFE - IC
Common emitter Ta = 100C 25 -25 VCE = -2 V
DC current gain hFE
(mA)
100 50 30
Collector current IC
10 -1
-3
-10
-30
-100
-300
Collector current IC
(mA)
0 0
Collector-emitter voltage
VCE (V)
VCE (sat) - IC
-1
IC - VBE
Common emitter -400 Common emitter VCE = -2 V
Collector-emitter saturation voltage VCE (sat) (V)
-0.5 -0.3
IC/IB = 10
(mA)
Ta = 100C
-0.1 -0.05 -0.03
Collector current IC
-300
-200
Ta = 100C
25
-25
25 -25
-100
-0.01 -1
-3
-10
-30
-100
-300 0 0
Collector current IC
(mA)
-0.2
-0.4
-0.6
-0.8
-1.0
-1.2
Base-emitter voltage
VBE (V)
Safe Operating Area
-2000 -1000 -500 IC max (pulse)* IC max (continuous) 10 ms* 1.2
PC - Ta
PC (W)
(1) (1) Mounted on a ceramic 2 substrate (250 mm x 0.8 t) (2) No heat sink 0.8
(mA)
-300 DC operation
1 ms* 100 ms*
1.0
Collector current IC
-100 -50 -30
Ta = 25C
Collector power dissipation
0.6
(2)
-10 -5 -3
*: Single nonrepetitive pulse Ta = 25C Curves must be derated linearly with increase in temperature. VCEO max -100 -300
0.4
0.2
Tested without a substrate. -1 -3 -30 -0.5 -1 -10
0 0
20
40
60
80
100
120
140
160
Collector-emitter voltage
VCE (V)
Ambient temperature Ta (C)
3
2006-11-09
2SA1202
RESTRICTIONS ON PRODUCT USE
* The information contained herein is subject to change without notice.
20070701-EN
* TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. It is the responsibility of the buyer, when utilizing TOSHIBA products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such TOSHIBA products could cause loss of human life, bodily injury or damage to property. In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as set forth in the most recent TOSHIBA products specifications. Also, please keep in mind the precautions and conditions set forth in the "Handling Guide for Semiconductor Devices," or "TOSHIBA Semiconductor Reliability Handbook" etc. * The TOSHIBA products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.).These TOSHIBA products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury ("Unintended Usage"). Unintended Usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. Unintended Usage of TOSHIBA products listed in his document shall be made at the customer's own risk. * The products described in this document shall not be used or embedded to any downstream products of which manufacture, use and/or sale are prohibited under any applicable laws and regulations. * The information contained herein is presented only as a guide for the applications of our products. No responsibility is assumed by TOSHIBA for any infringements of patents or other rights of the third parties which may result from its use. No license is granted by implication or otherwise under any patents or other rights of TOSHIBA or the third parties. * Please contact your sales representative for product-by-product details in this document regarding RoHS compatibility. Please use these products in this document in compliance with all applicable laws and regulations that regulate the inclusion or use of controlled substances. Toshiba assumes no liability for damage or losses occurring as a result of noncompliance with applicable laws and regulations.
4
2006-11-09


▲Up To Search▲   

 
Price & Availability of 2SA120207

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X